PART |
Description |
Maker |
MAX4641 MAX4641EGA MAX4641EUA MAX4642 MAX4642EGA M |
High-Speed, Low-Voltage, 4? Dual SPST CMOS Analog Switches High-Speed, Low-Voltage, 4, Dual SPST CMOS Analog Switches High-Speed, Low-Voltage, 4з, Dual SPST CMOS Analog Switches High-Speed / Low-Voltage / 4 / Dual SPST CMOS Analog Switches High-Speed.Low-Voltage.4<img src=http://dbserv.maxim-ic.com/images/ohm.gif width=12 height=9.Dual SPST CMOS Analog Switches 高速,低电压,4з双通道SPST CMOS模拟开 High-Speed, Low-Voltage, 4蟹, Dual SPST CMOS Analog Switches
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
AT28HC64B-12TI AT28HC64B-12TC AT28HC64B-55SC AT28H |
High Speed CMOS Logic 4-to-16 Line Decoder/Demultiplexer with Input Latches 24-SOIC -55 to 125 High Speed CMOS Logic Dual Binary Up-Counters 16-PDIP -55 to 125 High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrators 16-SOIC -55 to 125 High Speed CMOS Logic Dual BCD Up-Counter 16-PDIP -55 to 125 64KK的8高速CMOS E2PROM的同页写入和软件数据保护 High Speed CMOS Logic Dual Binary Up-Counters 16-SOIC -55 to 125 8K X 8 EEPROM 5V, 70 ns, PDSO28 High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrators 16-PDIP -55 to 125 8K X 8 EEPROM 5V, 90 ns, PQCC32 64K 8K x 8 Battery-Voltage CMOS E2PROM
|
Atmel Corp. Atmel, Corp.
|
IDT7007L55G IDT7007L55GB IDT7007L55GI IDT7007L15J |
HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM LCD BACKLIGHT INVERTER DRIVE IC; Package: SOIC-Wide; No of Pins: 20; Container: Tape & Reel High Side Gate Driver; Package: SOIC; No of Pins: 8; Container: Rail ER 19C 19#12 PIN RECP ER 3C 3#16S PIN RECP THRMO ER 6C 6#16S SKT RECP 高2K的8双端口静态RAM HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM 32K X 8 DUAL-PORT SRAM, 35 ns, PQFP80 HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM 高2K的8双端口静态RAM HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM 32K X 8 DUAL-PORT SRAM, 25 ns, PQCC68 HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM 32K X 8 DUAL-PORT SRAM, 25 ns, PQFP80
|
Integrated Device Techn... Integrated Device Technology, Inc. http://
|
IDT7140LA25L48GB IDT7130LA25L48GB IDT7140SA25L48GB |
HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM 1K X 8 DUAL-PORT SRAM, 25 ns, PDIP48 HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM 1K X 8 DUAL-PORT SRAM, 35 ns, PDIP48 HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM 1K X 8 DUAL-PORT SRAM, 100 ns, QCC48 HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM 1K X 8 DUAL-PORT SRAM, 55 ns, QCC48 HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM 1K X 8 DUAL-PORT SRAM, 100 ns, CDIP48 HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM 1K X 8 DUAL-PORT SRAM, 100 ns, CQFP48 HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM 1K X 8 DUAL-PORT SRAM, 25 ns, CDIP48 HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM 1K X 8 DUAL-PORT SRAM, 55 ns, CQFP48 HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM 1K X 8 DUAL-PORT SRAM, 100 ns, PQCC52 HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM 1K X 8 DUAL-PORT SRAM, 35 ns, PQFP64 HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM 1K X 8 DUAL-PORT SRAM, 25 ns, QCC48
|
Integrated Device Technology, Inc.
|
TC1426CPA TC1427 TC1427CPA TC1428 TC1428COA TC1427 |
CSCA-A Series Hall-effect based, open-loop current sensor, Gallant connector, 600 A rms nominal, ±900 A range 1.2A的双路高速MOSFET驱动 1.2A Dual High-Speed MOSFET Drivers 1.2A的双路高速MOSFET驱动 The TC1426/27/28 are a family of 1.2A dual high- speed drivers. CMOS fabrication is used for low power consumption and high efficiency. These devices are fabricated using an epitaxial layer to effectively short out the intrinsic parasitic The TC1426/27/28 are a family of 1.2A dual high- speed drivers. CMOS fabrication is used for low power consumption and high efficiency. ...
|
Microchip Technology, Inc. MICROCHIP[Microchip Technology]
|
ICL3232EIV-16Z-T ICL3221EIV ICL3221EIV-T ICL3222EI |
CAT5E PATCH CORD 10 FOOT YELLOW CONNECTOR, DUAL ROW, QF 50,10 PIN 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors TRIPLE LINE TRANSCEIVER, PDSO28 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors LINE TRANSCEIVER, PDSO16 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors DUAL LINE TRANSCEIVER, PDSO20 .100-In. KK Solid Header, Vertical, Friction Lock, 16 Circuits, Tin DUAL LINE TRANSCEIVER, PDSO20 CAT5E PATCH CORD 100MHZ 7 FOOT YELLOW DUAL LINE TRANSCEIVER, PDSO16 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors DUAL LINE TRANSCEIVER, PDSO16 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V的高速RS - 232收发器与0.1uF电容 RSM, 604 1% 1206 TRIPLE LINE TRANSCEIVER, PDSO28
|
Intersil Corporation Intersil, Corp.
|
IDTQS3306A QS3306AS18 |
High-Speed CMOS Dual Bus Switch with IndiviDual Active Low Enables QUICKSWITCH? PRODUCTS HIGH-SPEED CMOS DUAL BUS SWITCH
|
IDT
|
HCPL-901J HCPL-900J HCPL-9031 HCPL-902J HCPL-9030 |
SPECIAL HCPL-0931 · High Speed Digital Isolator HCPL-0930 · High Speed Digital Isolator HCPL-092J · High Speed Digital Isolator HCPL-091J · High Speed Digital Isolator HCPL-090J · High Speed Digital Isolator HCPL-0900 · High Speed Digital Isolator HCPL-9000 · High Speed Digital Isolator HCPL-9030 · High Speed Digital Isolator HCPL-902J · High Speed Digital Isolator HCPL-9031 · High Speed Digital Isolator HCPL-900J · High Speed Digital Isolator HCPL-901J · High Speed Digital Isolator
|
Agilent (Hewlett-Packard)
|
BL-B4137B BL-B4137E BL-B4137M BL-B4137N BL-B9137E |
STANDARD LED LAMPS 标准LED节能 High Speed CMOS Logic Octal Transparent Latches with 3-State Outputs 20-SSOP -55 to 125 High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrators 16-PDIP -55 to 125 High Speed CMOS Logic Octal Positive-Edge-Triggered D-Type Inverting Flip-Flops with 3-State Outputs 20-SOIC -55 to 125 RESISTOR, 10 1% 1/2W, 2010, SMD High Speed CMOS Logic 4-by-4 Register File 16-PDIP -55 to 125 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-SOIC -55 to 125 High Speed CMOS Logic 4-by-4 Register File 16-SOIC -55 to 125
|
Yellow Stone, Corp. 早安股份有限公司 ETC YSTONE[Yellow Stone Corp]
|
IDT70T633S12BCI IDT70T633S15BF IDT70T633S15BFI IDT |
HIGH-SPEED 2.5V 512/256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE 256K X 18 DUAL-PORT SRAM, 12 ns, PBGA208 122 x 32 pixel format, Compact LCD size 256K X 18 DUAL-PORT SRAM, 10 ns, PBGA256 122 x 32 pixel format, Compact LCD size 256K X 18 DUAL-PORT SRAM, 12 ns, PBGA256 HIGH-SPEED 2.5V 512/256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE 高.5V12/256K.3V 5011 2.5V的接口18 ASYNCHRONO美国双端口静态RAM JFET-Input Operational Amplifier 8-SOIC 0 to 70 256K X 18 DUAL-PORT SRAM, 12 ns, PQFP144 HIGH-SPEED 2.5V 512/256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE 256K X 18 DUAL-PORT SRAM, 8 ns, PBGA208 JFET-Input Operational Amplifier 14-SOIC 0 to 70 WRISTBAND, ELASTIC, ADJUSTABLE 4MM RoHS Compliant: NA High-speed 2.5V 512 x 18 asynchronous dual-port static RAM, 15ns
|
Integrated Device Technology, Inc. IDT
|
|